Part Number Hot Search : 
AK2301BX LB123 1798DP AD535KD 2N60A4D MCH4014 MSM51 2005G
Product Description
Full Text Search
 

To Download TW0198A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, 324, Taiwan, R.O.C. TEL: 886-3-4690038 FAX: 886-3-4697532 E-mail: tstsales@mail.taisaw.com Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date: 04/07/2006 Product Name: SMD Clock Oscillator 32.000 MHz TST Parts No.: TW0198A Customer Parts No.:
Company: Division: Approved by : Date:
Checked by: Approval by: Date:
Robert Chang T.F. Yang 2006/04/07
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC Release document
FR-71S03-01
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, 324, Taiwan, R.O.C. TEL: 886-3-4690038 FAX: 886-3-4697532 E-mail: tstsales@mail.taisaw.com Web: www.taisaw.com
SMD Clock Oscillator 32.000MHz
MODEL NO.: TW0198A A. FEATURES: 1. Ultra small package 2. Excellent for high-density packaging. B. MAXIMUM RATING: 1. Storage Temperature: -55 C to +125 C. 2. Operating Temperature: -40 C to +80 C. C. ELECTRICAL CHARACTERISTICS: Characteristics Units Center Frequency Overall Frequency Stability (a+b) (#note 1) Overall Frequency Stability (a+b+c+d+e) (#note 1) Input Voltage (Operating VDD) Input Current Output Load "0" Level "1" Level Symmetry (TW/T*100%) Duty Cycle Rise Time (10%->90% VDD) Fall Time (90%->10% VDD) @10Hz @100Hz @1kHz Phase Noise @10kHz @100kHz Enable/Disable Function Package size MHz ppm ppm VDC MA PF VDC VDC % NSec NSec dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz REV. NO.: 1
RoHS Compliant Lead free Lead-free soldering
Minimum -20 -40 2.97 40%
Typical 32.000 3.3+/- 5% 15 50%
Maximum +20 +40 45 0.33 60%
8 8 -76 -79 -102 -108 -125 -135 -143 -145 -145 -148 PIN 1: High or Open, PIN 3:Enable PIN 1: Low, PIN 3:Disable SMD5.0X7.0X1.6mm
#Note 1: Frequency stability includes; (a) 25 Frequency Tolerance ; (b) Temperature Stability (c) Input Voltage Stability ; (d) Load Stability ; (e) Aging
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC Release document
2
D.OUTLINE DRAWING: (Unit: mm)
E. TEST CIRCUIT:
F. SOLDERING REFLOW PROFILE:
300
Rising
250 Temperature (deg C) 200 150
Preheat
Reflow
Forced Cooling
Max peak temperature:
100 50 0 0 60 120 180 Time (seconds) 240 300 360
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC Release document
3
G. MARKING:
32.000
Where W stand for product code and D for date code 1. Product Code Table:
T WDA
Year
Product Code
2. Date Code Table:
WK01 A WK14 N WK27 a WK40 n WK02 B WK15 O WK28 b WK41 o WK03 C WK16 P WK29 c WK42 p D
2001 2005 W
WK04 WK17 Q WK30 d WK43 q WK05 E WK18 R WK31 e WK44 r
2002 2006 w
WK06 F WK19 S WK32 f WK45 s WK07 G WK20 T WK33 g WK46 t
2003 2007 W
WK08 H WK21 U WK34 h WK47 u WK09 I WK22 V WK35 i WK48 v J
2004 2008 w
WK10 WK23 W WK36 j WK49 w WK11 K WK24 X WK37 k WK50 x WK12 L WK25 Y WK38 l WK51 y WK13 M WK26 Z WK39 m WK52 z
H. PACKING: (1k/Reel) 1.REEL DIMENSION (Unit: mm)
2.TAPE DIMENSION (Unit: mm)
3.PACKING DIRECTION The dot or the logo of marking should be close to the hole of tape.
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC Release document
4


▲Up To Search▲   

 
Price & Availability of TW0198A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X